Part Number Hot Search : 
STB100N FD1617NP F12P5 68HC70 P0641SL BU2720DX 100LT OP215
Product Description
Full Text Search
 

To Download SW8-020180AN1NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-pole eight-throw switches features wide frequency range ........... 1?8 ghz high isolation ......................... 50 db minimum low insertion loss ................. 4.5 db maximum in/out vswr ........................... 2:1 maximum total switching speed............ <300 ns dc supply ............................... +5, -12 vdc optimized performance model frequency insertion rise/fall on/off on/off dc power range model loss isolation vswr time time time positive negative (ghz) number (db, max.) (db, min.) (max.) type (ns, typ.) (ns, typ.) (ns, max.) (ma, max.) (ma, min.) standard, multioctave band models 0.2? sw8-002020rn1nf 1.5 65 1.7:1 reflective 30/30 200 300 215 215 sw8-002020an1nf 2 65 1.7:1 absorptive 30/30 200 300 215 215 0.5? sw8-005020rn1nf 1.5 65 1.7:1 reflective 30/30 200 300 215 215 sw8-005020an1nf 2 65 1.7:1 absorptive 30/30 200 300 215 215 2? sw8-020080rn1nf 2.2 65 2:1 reflective 30/30 200 300 215 215 sw8-020080an1nf 2.9 65 2:1 absorptive 30/30 200 300 215 215 4?2 sw8-040120rn1nf 2.7 65 2:1 reflective 30/30 200 300 215 215 sw8-040120an1nf 3.2 65 2:1 absorptive 30/30 200 300 215 215 2?8 sw8-020180rn1nf 3.8 60 2:1 reflective 30/30 200 300 215 215 SW8-020180AN1NF 4.2 60 2:1 absorptive 30/30 200 300 215 215 1?8 sw8-010180rn1nf 3.9 60 2:1 reflective 30/30 200 300 215 215 sw8-010180an1nf 4.5 60 2:1 absorptive 30/30 200 300 215 215 1?8 sw8-010180ab3nf* 4.5 50 2:1 absorptive 300 400 500 105 185 * includes built-in 3 bit ttl decoder. electrical performance of multioctave models can be optimized over narrower bandwidths, or for a particular parameter. electric al options include: lower insertion loss, lower vswr, higher isolation, high power and flat amplitude response. mechanical/control options include: custo m packaging, single supply operation, ultra-fast on/off time and bcd decoder. consult miteq for options. 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
general notes: 1. dimensions shown in brackets [ ] are in millimeters. 2. unless specified, all connectors are type sma female field replaceable. sma male also available, see ordering options. 3. tolerance as follows: .xx = ?.01 [.xx = ?.25] .xxx = ?.005 [.xxx = ?.13] single-pole eight-throw switches (cont.) sp8t outline drawing j8 j7 j6 j5 j4 j3 j2 j0 da-15p 15 1 j1 da-15p 15 1 0.75 [19.05] 1.50 [38.10] 0.58 [14.73] 0.40 [10.16] 0.40 [10.16] 3.50 [89.02] 0.95 [24.13] 1.50 [38.10] 0.55 [13.97] 2.33 [59.18] ?0.1250 [3.175] 0.09 [2.29] "d" sub, 15 pin 0.09 [2.29] 0.17 [4.32] 0.44 [11.18] non-inverting 15 pin d connector control input pin 1 pin 9 pin 2 pin 10 pin 5 pin 6 pin 7 pin 8 signal path low high high high high high high high j0 - j1 high low high high high high high high j0 - j2 high high low high high high high high j0 - j3 high high high low high high high high j0 - j4 high high high high low high high high j0 - j5 high high high high high low high high j0 -j6 high high high high high high low high j0 - j7 high high high high high high high low j0 - j8 non-inverting 15 pin d connector control input pin 1 pin 9 pin 2 pin 10 pin 5 pin 6 pin 7 pin 9 signal path high low low low low low low low j0 - j1 low high low low low low low low j0 - j2 low low high low low low low low j0 - j3 low low low high low low low low j0 - j4 low low low low high low low low j0 - j5 low low low low low high low low j0 -j6 low low low low low low high low j0 - j7 low low low low low low low high j0 - j8 ttl control logic non-inverting logic 0 (low) (0 to 0.8 v) insertion loss logic 1 (high) (2.4 to 4.7 v) isolation inverting logic 0 (low) (0 to 0.8 v) isolation logic 1 (high) (2.4 to 4.7 v) insertion loss 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com
sp8t switch ordering information general switch specifications to order a switch, please include the model number derived from the following table. if requesting a quotation for a switch not listed in this catalog, please consult miteq. include any additional specifications that are not listed. sw 8 - 020 180 a n 1 n f switch number of throw(s) frequency (100s of mhz) lower frequency upper frequency type absorptive ............................................................................ a reflective ............................................................................. r logic non-inverting........................................................................ n built-in decoder .................................................................... b power supply +5 v, -12 v ........................................................................... 1 +5 v, -15 v ........................................................................... 3 hermeticity non-hermetic ....................................................................... n hermetic............................................................................... h connectors sma-female ........................................................................ f sma-male ............................................................................ m available options ?add suffix am ............ amplitude matching port-to-port ?add suffix pm ............ phase matching port-to-port ?add suffix vl1 ............ common port video filter ?add suffix vl2 ............ output port(s) video filter ?add suffix vl3 ............ both common port and output port(s) video filter ?add suffix hp.............. higher power (alternate package configurations) example: the above illustrated part number SW8-020180AN1NF is for the following: switch sp8t 2 to 18 ghz absorptive non-inverting +5 v, -12 v non-hermetic sma-f connectors consult miteq for additional options. when additional options are ordered, miteq will add a 4 digit number (-sxxxx) suffix to the part number. power handling (full performance) ...... 20 dbm power handling (no damage) .............. 30 dbm input -1 db compression .................... 30 dbm typical input third-order intercept point .......... 35 dbm typical video leakage for ??model (rms power) ........................................ < -53 dbm typical (> 2 ghz) < -42 dbm typical (< 2 ghz) operating temperature .......... 0 to 70? storage temperature ............ -30 to +85? humidity ................................ 95%, noncondensing vibration ................................ 12 gs rms, 20-2000 hz per mil-std-810b method 514, procedure 5 100 davids drive, hauppauge, ny 11788 ? tel: (631) 436-7400 ? fax: (631) 436-7430 ? www.miteq.com


▲Up To Search▲   

 
Price & Availability of SW8-020180AN1NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X